PART |
Description |
Maker |
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
OMXXXXSM OM5221SM OM5222SM OM5223SM OM5224SM OMXXX |
200V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 150V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 100V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
|
IRF[International Rectifier]
|
STW40NS15 |
40 A, 150 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY⑩ MOSFET N-CHANNEL 150V 0.042 OHM 40A TO-247 MESH OVERLAY MOSFET
|
STMicroelectronics ST Microelectronics
|
STP40NS15 |
N-CHANNEL 150V 0.042 OHM 40A TO-220 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY⑩ MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF5Y3315CM |
150V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
|
IRF[International Rectifier]
|
FFAF40U60DN FFAF40U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 40 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 40A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
12CLQ150 |
The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments. 2CLQ150中心抽头肖特基整流器已明确,旨在满足高新技术的严格要求- REL的环境 35A 150V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
HFA45HI120C |
1200V 28A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-259AA package
|
International Rectifier
|
FFA40U60DN FFA40U60DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 40A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5NJ3315 |
150V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A) SURFACE MOUNT (SMD-0.5) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V/ Rds(on)=0.08ohm/ Id=20A)
|
IRF[International Rectifier]
|
IRF5Y6215CM |
-150V Single P-Channel Hi-Rel MOSFET in a TO-257AA package POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A) THRU-HOLE (TO-257AA) 150V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-150V Rds(on)=0.29ohm Id=-11A)
|
IRF[International Rectifier]
|
HFA40HF60 |
600V 22A Hi-Rel Ultra-Fast Discrete Diode in a SMD-1 package Ultrafast, Soft Recovery Diode
|
IRF[International Rectifier]
|